Part Number Hot Search : 
TC74H MAX1462 29DL32BF 1620C 3V240RL 10504 15400 HE892
Product Description
Full Text Search
 

To Download BC848C-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds11108 rev. 17 - 2 1 of 4 bc846a-bc848c www.diodes.com  diodes incorporated bc846a - bc848c npn surface mount small signal transistor features maximum ratings @ t a = 25c unless otherwise specified characteristic symbol value unit collector-base voltage bc846 bc847 bc848 v cbo 80 50 30 v collector-emitter voltage bc846 bc847 bc848 v ceo 65 45 30 v emitter-base voltage bc846, bc847 bc848 v ebo 6.0 5.0 v collector current i c 100 ma peak collector current i cm 200 ma peak emitter current i em 200 ma power dissipation (note 1) p d 300 mw thermal resistance, junction to ambient air (note 1) r  ja 417 c/w operating and storage temperature range t j ,t stg -65 to +150 c  ideally suited for automatic insertion  complementary pnp types available (bc856-bc858)  for switching and af amplifier applications  available in lead free/rohs compliant version (note 3) marking code (note 2) type marking type marking bc846a 1a, k1q bc847c 1g, k1m bc846b 1b, k1r bc848a 1j, k1j, k1e, k1q bc847a 1e, k1e, k1q bc848b 1k, k1k, k1f, k1r bc847b 1f, k1f, k1r bc848c 1l, k1l, k1m  case: sot-23  case material: molded plastic. ul flammability classification rating 94v-0  moisture sensitivity: level 1 per j-std-020c  terminals: solderable per mil-std-202, method 208  also available in lead free plating (matte tin finish annealed over alloy 42 leadframe). please see ordering information, note 6, on page 4  pin connections: see diagram  marking codes (see table below & diagram on page 4)  ordering & date code information: see page 4  approx. weight: 0.008 grams mechanical data a e j l top view m b c h g d k c b e notes: 1. device mounted on fr-4 pcb, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on diodes inc. suggested pad layout document ap02001, which can be found on our website at http:/ /www.diodes.com/datasheets/ap02001.pdf. 2. current gain subgroup c is not available for bc846. 3. no purposefully added lead. sot-23 dim min max a 0.37 0.51 b 1.20 1.40 c 2.30 2.50 d 0.89 1.03 e 0.45 0.60 g 1.78 2.05 h 2.80 3.00 j 0.013 0.10 k 0.903 1.10 l 0.45 0.61 m 0.085 0.180  0  8  all dimensions in mm e b c
ds11108 rev. 17 - 2 2 of 4 bc846a-bc848c www.diodes.com electrical characteristics @ t a = 25c unless otherwise specified characteristic symbol min typ max unit test condition collector-base breakdown voltage (note 4) bc846 bc847 bc848 v (br)cbo 80 50 30 v i c = 10  a, i b = 0 collector-emitter breakdown voltage (note 4) bc846 bc847 bc848 v (br)ceo 65 45 30 v i c = 10ma, i b = 0 emitter-base breakdown voltage bc846, bc847 (note 3) bc848 v (br)ebo 6 5 v i e = 1  a, i c = 0 h-parameters small signal current gain current gain group a b c input impedance current gain group a b c output admittance current gain group a b c reverse voltage transfer ratio a current gain group b c h fe h fe h fe h ie h ie h ie h oe h oe h oe h re h re h re 220 330 600 2.7 4.5 8.7 18 30 60 1.5x10 -4 2x10 -4 3x10 -4 k  k  k  s s s v ce = 5.0v, i c = 2.0ma, f = 1.0khz dc current gain current gain group a b (note 4) c h fe 110 200 420 180 290 520 220 450 800 v ce = 5.0v, i c = 2.0ma collector-emitter saturation voltage (note 4) v ce(sat) 90 200 250 600 mv i c = 10ma, i b = 0.5ma i c = 100ma, i b = 5.0ma base-emitter saturation voltage (note 4) v be(sat) 700 900 mv i c = 10ma, i b = 0.5ma i c = 100ma, i b = 5.0ma base-emitter voltage (note 4) v be(on) 580 660 700 770 mv v ce = 5.0v, i c = 2.0ma v ce = 5.0v, i c = 10ma collector-cutoff current (note 4) bc846 bc847 bc848 i ces i ces i ces i cbo i cbo 15 15 15 15 5.0 na na na na a v ce = 80v v ce = 50v v ce = 30v v cb = 40v v cb = 30v, t a = 150c gain bandwidth product f t 100 300 mhz v ce = 5.0v, i c = 10ma, f = 100mhz collector-base capacitance c cbo 3.0 pf v cb = 10v, f = 1.0mhz noise figure nf 2 10 db v ce = 5v, i c = 200a, r s = 2.0k  f = 1.0khz, f = 200hz notes: 4. short duration pulse test used to minimize self-heating effect.
ds11108 rev. 17 - 2 3 of 4 bc846a-bc848c www.diodes.com 0 50 100 25 50 75 100 125 150 175 200 p , power dissipation (mw) d t , ambient temperature (c) a fig. 1, max power dissipation vs ambient tem p erature 150 200 250 300 350 0 1 0.1 10 100 1000 v , collector to emitter ce(sat) saturation voltage (v) i , collector current (ma) c fig. 2 collector emitter saturation voltage vs. collector current t=25c a t = -50c a t = 150c a 0 0.1 0.2 0.3 0 .4 i c i b =20 1 10 100 1000 1 10 100 1000 h , dc current gain fe i , collector current (ma) c fi g . 3, dc current gain vs. collector current t = 150c a t = -50c a t= 25c a 1 100 10 1000 1 10 100 f , gain bandwidth product (mhz) t i , collector current (ma) c fi g . 4, gain bandwidth product vs collector current v= 5v ce
ds11108 rev. 17 - 2 4 of 4 bc846a-bc848c www.diodes.com xxx = product type marking code (see page 1), e.g. k1q or 1a = bc846a ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september xxx ym marking information notes: 5. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. * xx = device type, e.g. bc846a-7. 6. for lead free/rohs compliant version part number, please add "-f" suffix to the part number above. example: bc846a-7-f. device packaging shipping bc84xx-7* sot-23 3000/tape & reel ordering information month jan feb march apr may jun jul aug sep oct nov dec code 1234567 89 o nd date code key (note 5) year 1998 1999 2000 2001 2002 2003 2004 2005 2006 2007 2008 2009 code jklmnpr st u vw


▲Up To Search▲   

 
Price & Availability of BC848C-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X